Part Number Hot Search : 
D965AL NTE7417 CD4130D TSC1224 A5941 N5266C CTA41AS5 MJD117T4
Product Description
Full Text Search
 

To Download 74ALVT16244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74ALVT16244 2.5V/3.3V 16-bit buffer/driver (3-State)
Product specification Supersedes data of 1998 Feb 13 IC23 Data Handbook 1998 Oct 07
Philips Semiconductors
Philips Semiconductors
Product specification
2.5V/3.3V 16-bit buffer/driver (3-State)
74ALVT16244
FEATURES
* 16-bit bus interface * 5V I/O compatibile * 3-State buffers * Output capability: +64mA/-32mA * TTL input and output switching levels * Input and output interface capability to systems at 5V supply * Bus-hold data inputs eliminate the need for external pull-up * Live insertion/extraction permitted * Power-up 3-State * No bus current loading when output is tied to 5V bus * Latch-up protection exceeds 500mA per JEDEC Std 17 * ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model resistors to hold unused inputs
DESCRIPTION
The 74ALVT16244 is a high-performance BiCMOS product designed for VCC operation at 2.5V or 3.3V with I/O compatibility up to 5V. This device is a 16-bit buffer and line driver featuring non-inverting 3-State bus outputs. The device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer.
QUICK REFERENCE DATA
SYMBOL tPLH tPHL CIN COut ICCZ PARAMETER Propagation delay nAx to nYx Input capacitance DIR, OE Output capacitance Total supply current CL = 50pF VI = 0V or VCC VI/O = 0V or VCC Outputs disabled CONDITIONS Tamb = 25C TYPICAL 2.5V 1.8 1.9 3 9 40 3.3V 1.5 1.5 3 9 70 UNIT ns pF pF A
ORDERING INFORMATION
PACKAGES 48-Pin Plastic SSOP Type III 48-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74ALVT16244 DL 74ALVT16244 DGG NORTH AMERICA AV16244 DL AV16244 DGG DWG NUMBER SOT370-1 SOT362-1
LOGIC SYMBOL
47 46 44 43 1 41 40 38 37 48 1A0 1A1 1A2 1A3 1OE 2A0 2A1 2A2 2A3 2OE 2Y0 2Y1 2Y2 2Y3 1Y0 1Y1 1Y2 1Y3 2 3 5 6 36 35 33 32 25 8 9 11 12 30 29 27 26 24 3A0 3A1 3A2 3A3 3OE 4A0 4A1 4A2 4A3 4OE 4Y0 4Y1 4Y2 4Y3 3Y0 3Y1 3Y2 3Y3 13 14 16 17
LOGIC SYMBOL (IEEE/IEC)
1OE 2OE 3OE 4OE 1A1 1A2 1A3 19 20 22 23 1A4 2A1 2A2 2A3 2A4 3A1 3A2 3A3 1 48 25 24 47 46 44 43 41 1 40 38 37 36 35 33 32 30 29 27 26 1 4 1 3 2 EN1 EN2 EN3 EN4 1 1 2 3 5 6 8 9 11 12 13 14 16 17 19 20 22 23 1Y1 1Y2 1Y3 1Y4 2Y1 2Y2 2Y3 2Y4 3Y1 3Y2 3Y3 3Y4 4Y1 4Y2 4Y3 4Y4
SA00014
3A4 4A1 4A2 4A3 4A4
SA00019
1998 Oct 07
2
853-1838 20144
Philips Semiconductors
Product specification
2.5V/3.3V 16-bit buffer/driver (3-State)
74ALVT16244
PIN CONFIGURATION PIN DESCRIPTION
1OE 1Y0 1Y1 GND 1Y2 1Y3 VCC 2Y0 2Y1 GND 2Y2 2Y3 3Y0 3Y1 GND 3Y2 3Y4 VCC 4Y0 4Y1 GND 4Y2 4Y3 4OE 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 2OE 1A0 1A1 GND 1A2 1A3 VCC 2A0 2A1 GND 2A2 2A3 3A0 3A1 GND 3A2 3A3 VCC 4A0 4A1 GND 4A2 4A3 3OE
PIN NUMBER 47, 46, 44, 43 41, 40, 38, 37 36, 35, 33, 32 30, 29, 27, 26 2, 3, 5, 6 8, 9, 11, 12 13, 14, 16, 17 19, 20, 22, 23 1, 48 25, 24 4, 10, 15, 21 28, 34, 39, 45 7, 18, 31, 42
SYMBOL 1A0 - 1A3, 2A0 - 2A3, 3A0 - 3A3, 4A0 - 4A3 1Y0 - 1Y3, 2Y0 - 2Y3, 3Y0 - 3Y3, 4Y0 - 4Y3 1OE, 2OE, 3OE, 4OE GND VCC
NAME AND FUNCTION
Data inputs
Data outputs
Output enables Ground (0V) Positive supply voltage
FUNCTION TABLE
INPUTS nOE L L H H L X Z = High voltage level = Low voltage level = Don't care = High Impedance "off" state nAx L H X OUTPUTS nYx L H Z
SA00013
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL VCC IIK VI IOK VOUT IOUT Tstg PARAMETER DC supply voltage DC input diode current DC input voltage3 DC output diode current DC output voltage3 DC output current out ut Storage temperature range VO < 0 Output in Off or High state Output in Low state Output in High state VI < 0 CONDITIONS RATING -0.5 to +4.6 -50 -0.5 to +7.0 -50 -0.5 to +7.0 128 -64 -65 to +150 UNIT V mA V mA V mA C
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
1998 Oct 07
3
Philips Semiconductors
Product specification
2.5V/3.3V 16-bit buffer/driver (3-State)
74ALVT16244
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC VI VIH VIL IOH IOL t/v Tamb DC supply voltage Input voltage High-level input voltage Input voltage High-level output current Low-level output current Low-level output current; current duty cycle 50%; f 1kHz Input transition rise or fall rate; Outputs enabled Operating free-air temperature range -40 PARAMETER 2.5V RANGE LIMITS MIN 2.3 0 1.7 0.7 -8 8 24 10 +85 -40 MAX 2.7 5.5 3.3V RANGE LIMITS MIN 3.0 0 2.0 0.8 -32 32 64 10 +85 MAX 3.6 5.5 UNIT V V V V mA mA ns/V C
DC ELECTRICAL CHARACTERISTICS (3.3V "0.3V RANGE)
LIMITS SYMBOL VIK VOH PARAMETER Input clamp voltage High-level out ut voltage output TEST CONDITIONS VCC = 3.0V; IIK = -18mA VCC = 3.0 to 3.6V; IOH = -100A VCC = 3.0V; IOH = -32mA VCC = 3.0V; IOL = 100A VOL Low-level out ut voltage output VCC = 3.0V; IOL = 16mA VCC = 3.0V; IOL = 32mA VCC = 3.0V; IOL = 64mA VCC = 3.6V; VI = VCC or GND II In ut Input leakage current VCC = 0 or 3.6V; VI = 5.5V VCC = 3.6V; VI = VCC VCC = 3.6V; VI = 0V IOFF IHOLD Off current Bus Hold current Data inputs6 Current into an output in the High state when VO > VCC Power up/down 3-State output current3 3-State output High current 3-State output Low current Quiescent supply current Additional supply current per input pin2 VCC = 0V; VI or VO = 0 to 4.5V VCC = 3V; VI = 0.8V VCC = 3V; VI = 2.0V VCC = 0V to 3.6V; VCC = 3.6V VO = 5.5V; VCC = 3.0V VCC 1.2V; VO = 0.5V to VCC; VI = GND or VCC OE/OE = Don't care VCC = 3.6V; VO = 3.0V; VI = VIL or VIH VCC = 3.6V; VO = 0.5V; VI = VIL or VIH VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0 VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0 VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = VCC = 3V to 3.6V; One input at VCC-0.6V, Other inputs at VCC or GND 05 75 -75 500 10 1 0.5 0.5 0.05 3.6 0.06 0.04 125 100 5 -5 0.1 5 0.1 0.4 mA mA A A A A Data pins4 ins Control pins VCC-0.2 2.0 Temp = -40C to +85C MIN TYP1 -0.85 VCC 2.3 0.07 0.25 0.3 0.4 0.1 01. 0.5 0.1 0.1 130 -140 A 0.2 0.4 0.5 0.55 1 10 1 -5 100 A A V MAX -1.2 V V UNIT
IEX IPU/PD IOZH IOZL ICCH ICCL ICCZ ICC
NOTES: 1. All typical values are at VCC = 3.3V and Tamb = 25C. 2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND 3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V 0.3V a transition time of 100sec is permitted. This parameter is valid for Tamb = 25C only. 4. Unused pins at VCC or GND. 5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground. 6. This is the bus hold overdrive current required to force the input to the opposite logic state.
1998 Oct 07
4
Philips Semiconductors
Product specification
2.5V/3.3V 16-bit buffer/driver (3-State)
74ALVT16244
AC CHARACTERISTICS (3.3V "0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500; Tamb = -40C to +85C. LIMITS SYMBOL PARAMETER WAVEFORM MIN tPLH tPHL tPZH tPZL tPHZ tPLZ Propagation delay nAx to nYx Output enable time to High and Low level Output disable time from High and Low Level 1 2 2 0.8 0.8 1.0 0.5 1.5 1.5 VCC = 3.3V "0.3V TYP1 1.5 1.5 2.3 1.8 2.7 2.3 MAX 2.4 2.5 3.8 2.9 4.2 3.6 ns ns ns UNIT
NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25C.
DC ELECTRICAL CHARACTERISTICS (2.5V "0.2V RANGE)
LIMITS SYMBOL VIK VOH VOL PARAMETER Input clamp voltage High-level out ut voltage output Low-level out ut voltage output TEST CONDITIONS VCC = 2.3V; IIK = -18mA VCC = 2.3 to 2.7V; IOH = -100A VCC = 2.3V; IOH = -8mA VCC = 2.3V; IOL = 100A VCC = 2.3V; IOL = 24mA VCC = 2.7V; VI = VCC or GND II In ut Input leakage current VCC = 0 or 2.7V; VI = 5.5V VCC = 2.7V; VI = VCC VCC = 2.7V; VI = 0 IOFF IHOLD IEX IPU/PD IOZH IOZL ICCH ICCL ICCZ ICC Additional supply current per input pin2 Quiescent supply current Off current Bus Hold current Data inputs6 Current into an output in the High state when VO > VCC Power up/down 3-State output current3 3-State output High current 3-State output Low current VCC = 0V; VI or VO = 0 to 4.5V VCC = 2.3V; VI = 0.7V VCC = 2.3V; VI = 1.7V VO = 5.5V; VCC = 2.3V VCC 1.2V; VO = 0.5V to VCC; VI = GND or VCC; OE/OE = Don't care VCC = 2.7V; VO = 2.3V; VI = VIL or VIH VCC = 2.7V; VO = 0.5V; VI = VIL or VIH VCC = 2.7V; Outputs High, VI = GND or VCC, IO = 0 VCC = 2.7V; Outputs Low, VI = GND or VCC, IO = 0 VCC = 2.7V; Outputs Disabled; VI = GND or VCC, IO = 05 VCC = 2.3V to 2.7V; One input at VCC-0.6V, Other inputs at VCC or GND Data pins4 ins Control pins VCC-0.2 1.8 Temp = -40C to +85C MIN TYP1 -0.85 VCC 2.5 0.07 0.3 0.1 0.1 0.1 0.1 0.1 115 -10 10 1 0.5 0.5 0.04 2.5 0.04 0.04 125 100 5 -5 0.1 4.5 0.1 0.4 mA mA 0.2 0.5 1 10 1 -5 100 A A A A A A A MAX -1.2 V V UNIT
NOTES: 1. All typical values are at VCC = 2.5V and Tamb = 25C. 2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND 3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 2.5V 0.2V a transition time of 100sec is permitted. This parameter is valid for Tamb = 25C only. 4. Unused pins at VCC or GND. 5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground. 6. Not guaranteed.
1998 Oct 07
5
Philips Semiconductors
Product specification
2.5V/3.3V 16-bit buffer/driver (3-State)
74ALVT16244
AC CHARACTERISTICS (2.5V "0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500; Tamb = -40C to +85C. LIMITS SYMBOL tPLH tPHL tPZH tPZL tPHZ tPLZ PARAMETER Propagation delay nAx to nYx Output enable time to High and Low level Output disable time from High and Low Level WAVEFORM MIN 1 2 2 1.0 1.0 2.0 1.5 1.5 1.0 VCC = 2.5V "0.2V TYP1 1.8 1.9 3.1 2.5 2.7 2.0 MAX 3.0 3.5 5.9 4.7 4.4 3.4 ns ns ns UNIT
NOTE: 1. All typical values are at VCC = 2.5V and Tamb = 25C.
AC WAVEFORMS
VM = 1.5V at VCC w 3.0V; VM = VCC/2 at VCC v 2.7V VX = VOL + 0.3V at VCC w 3.0V; VX = VOL + 0.15V at VCC v 2.7V VY = VOH - 0.3V at VCC w 3.0V; VY = VOH - 0.15V at VCC v 2.7V
3.0V or VCC whichever is less
3.0V or VCC, whichever is less nAx INPUT VM VM 0V tPLH tPHL VOH
nOE INPUT
VM
VM
0V tPZL tPLZ 3.0V or VCC VX tPZH tPHZ VOL VOH
nYx OUTPUT
VM
nYx OUTPUT
VM
VM VOL nYx OUTPUT VM
VY
0V
SW00160
SW00204
Waveform 1.
Input (nAx) to Output (nYx) Propagation Delays
Waveform 2. 3-State Output Enable and Disable Times
1998 Oct 07
6
Philips Semiconductors
Product specification
2.5V/3.3V 16-bit buffer/driver (3-State)
74ALVT16244
TEST CIRCUIT AND WAVEFORMS
VCC 6V or VCC x 2 OPEN VIN PULSE GENERATOR RT D.U.T. CL RL POSITIVE PULSE 10% tW VOUT RL GND 90% NEGATIVE PULSE VM 10% tTHL (tF) tTLH (tR) 90% 90% VM 10% 0V 10% 0V tTLH (tR) tTHL (tF) AMP (V) tW VM 90% AMP (V)
Test Circuit for 3-State Outputs
VM
SWITCH POSITION
TEST tPHZ/tPZH tPLZ/tPZL tPLH/tPHL SWITCH GND 6V or VCC x 2 open
VM = 1.5V or VCC / 2, whichever is less Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
INPUT PULSE REQUIREMENTS FAMILY Amplitude 74ALVT16 3.0V or VCC whichever is less Rep. Rate 10MHz tW 500ns tR 2.5ns tF 2.5ns
SW00162
1998 Oct 07
7
Philips Semiconductors
Product specification
2.5V/3.3V 16-bit buffer/driver (3-State)
74ALVT16244
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1
1998 Oct 07
8
Philips Semiconductors
Product specification
2.5V/3.3V 16-bit buffer/driver (3-State)
74ALVT16244
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1mm
SOT362-1
1998 Oct 07
9
Philips Semiconductors
Product specification
2.5V/3.3V 16-bit buffer/driver (3-State)
74ALVT16244
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-04711
Philips Semiconductors
yyyy mmm dd 10


▲Up To Search▲   

 
Price & Availability of 74ALVT16244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X